Part Number Hot Search : 
SMH4804 CM110 BFG540XR 25006 N2220L8 TC622VAT XMQSMCJL MC16A
Product Description
Full Text Search
 

To Download AQ120EX-M5-AJ-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AQ120
LDO Regulator Controller
SOT23-5 Package
Preliminary Specification Revision 1.2 April 1, 2006
General Description
The AQ120 is a low cost LDO controller. The AQ120 flexibility allows the setting of the output voltage and controls up to 2 Amps of output current with a minimum number of external components. The open collector output is capable of driving an external PNP transistor. A temperature stable bandgap reference (1.25 V) controls the output voltage and is programmable through two external resistors. The AQ120 if offered in the very small SOT23-5 package.
Applications * Graphic cards * PC motherboards * Switching power supply post-regulation * Telecom equipment * DVD video player Features * 1.25V reference with 1.5% accuracy * Low current consumption * Offered in small SOT23-5 package * Wide Vin range: 2.5V to 18V * 20mA drive current sink * RoHS compliant available Pin Configuration
Block Diagram
www.acutechnology.com
AQ120
Acutechnology Semiconductor Inc.
AQ120
Typical Application
Note: The values of R1and R2 set the output voltage. The typical Vref is 1.25V
Pin Descriptions
Pin 1 2 3 4 5 Pin Name DRIVE GND GND BIAS VCC VREF Function Output of error amplifier. 20 mA sink capability to drive PNP pass element Ground Must connect to GND for proper operation as an LDO Controller Positive supply Voltage programming pin; has a threshold of 1.25V.
Ordering Information
Device AQ120 AQ120
Note: The
Operating Tj -40C 85C -40C 85C
%Tol 1.5 1.5
Pkg Type SOT-23-5 SOT-23-5
VOUT 1.25V 1.25V
Wrap T&R T&R
Order Number AQ120EX-M5-AJ-TR AQ120EX-M5-AJ-TRL
TRL parts are Lead Free and RoHS compliant. 2 Rev. 1.2 April 1, 2006
www.acutechnology.com
Acutechnology Semiconductor Inc.
AQ120
Absolute Maximum Ratings
Parameter VCC Voltage DRIVE Voltage REF Voltage VCC, DRIVE, REF Current Operating Junction Temperature Lead Temperature (soldering 10 seconds) Storage Temperature Range Value 18 18 18 50 150 300 -80 to +150 Units V V V mA C C C
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range -40C www.acutechnology.com
3
Rev. 1.2
April 1, 2006
Acutechnology Semiconductor Inc.
AQ120
APPLICATION
(Figure 1)
GENERAL DESCRIPTION The AQ120 is a linear LDO voltage regulator controller. It drives a discrete PNP transistor while comparing the output to a 1.25V reference. The output voltage is programmable through an external resistor divider. VOUT can be set to any value above 1.25 Volts. The collector of the external PNP transistor provides the output current to the load. Vin range is 2.5V to 18V. The Maximum Load current is Beta of the PNP times IDRIVE. IDRIVE range is 0.1 mA to 20 mA (max).
SETTING THE OUTPUT VOLTAGE The AQ120 VREF pin is the input to an amplifier comparing to a precision 1.25V reference. With VREF tied back to the output, it will drive the base of the external PNP to maintain output voltage with changing load current and VCC. The regulated output voltage can be set by selecting the proper ratio of R1 and R2. The Output Voltage is set by:
Vout = VREF
R1 + R 2 = 1.25V 1 + R1 R2 R2
(
)
Rev. 1.2 April 1, 2006
www.acutechnology.com
4
Acutechnology Semiconductor Inc. SELECTION OF PNP PASS DEVICE
AQ120
In the application of (figure 1) above, an FMMT549 SOT223 package was used. However, selection of the PNP pass device is based on Vin max, Iout max, and Power dissipation for your particular application. VIN max BVCEO and BVCBO minimum rating of the PNP transistor must exceed the maximum Vin of the application. The AQ120 will stand off 18V max. Therefore the maximum voltage the PNP will experience is 18V. Iout max Beta of the PNP transistor will dictate the maximum output current as per the equation:
Iout max = Idrive max(20mA) BetaExt.PNP
Higher beta of the PNP will improve the Vout variation due to change in load (load reg.) Minimizing the Idrive required will also minimize the Load reg. as Vout will decrease by .15% per mA of Idrive. Therefore, delta 10mA of Idrive will cause a delta 1.5% of Vout. Power dissipation Selection of the external PNP package is based on size requirements and power dissipation. Consult the transistor data sheet for power considerations.
Contact Information
Acutechnology Semiconductor Inc. 3487 McKee Rd. Suite 52 San Jose CA , USA 95127
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However, Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications at any time without notification to the customer.
TEL: FAX: website:
(408) 259-2300 (408) 259-9160 www.acutechnology.com
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user.
www.acutechnology.com
5
Rev. 1.2
April 1, 2006
Acutechnology Semiconductor Inc.
AQ120
Package Dimensions SOT23-3, SOT23-4, SOT23-5, SOT23-6
www.acutechnology.com
6
Rev. 1.2
April 1, 2006


▲Up To Search▲   

 
Price & Availability of AQ120EX-M5-AJ-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X